Part Number Hot Search : 
ACS10 224008 09A00 HEF45 0604KFK 12030 KE200 MR100
Product Description
Full Text Search
 

To Download APC3216SEC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.2x1.6mm SMD CHIP LED LAMP
APC3216SEC SUPER BRIGHT ORANGE
Features
!3.2mmx1.6mm SMT LED, 1.1mm THICKNESS. !LOW POWER CONSUMPTION. !WIDE VIEWING ANGLE. !IDEAL FOR BACKLIGHT AND INDICATOR. !VARIOUS !PACKAGE
Description
The Super Bright Orange source color devices are made with DH InGaAlP on GaAs substrate Light Emitting Diode.
COLORS AND LENS TYPES AVAILABLE. : 2000PCS / REEL.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.0079") unless otherwise noted. 3. Specifications are subject to change without notice.
SPEC NO: DSAD0999 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE:MAR/20/2003 DRAWN:D.L.HUANG
PAGE: 1 OF 4
Selection Guide
P ar t N o . Dic e L en s Ty p e Iv (m c d ) @ 20 m A Min . APC3216SEC SUPER BRIGHT ORANGE ( InGaAlP) WATER CLEAR 70 Ty p . 20 0 V i ew i n g An g l e 21/2 120
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l peak D 1/2 C VF IR Par am et er Peak Wavelength Dominate Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current D ev i c e Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Super Bright Orange Ty p . 6 10 601 29 30 2.0 2.5 10 Max . Un it s nm nm nm pF V uA Tes t Co n d it io n s IF = 2 0 m A IF = 2 0 m A IF = 2 0 m A V F = 0 V; f = 1 M Hz IF = 2 0 m A VR = 5V
Absolute Maximum Ratings at T)=25C
P ar am e t e r Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Su p er B r ig h t Or an g e 75 30 195 5 -40C To +85C
Un it s mW mA mA V
SPEC NO: DSAD0999 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE:MAR/20/2003 DRAWN:D.L.HUANG
PAGE: 2 OF 4
Super Bright Orange
APC3216SEC
SPEC NO: DSAD0999 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE:MAR/20/2003 DRAWN:D.L.HUANG
PAGE: 3 OF 4
APC3216SEC SMT Reflow Soldering Instructions
Number of reflow process shall be less than 2 times and cooling process to normal temperature is required between first and second soldering process.
Recommended Soldering Pattern (Units : mm)
Tape Specifications (Units : mm)
SPEC NO: DSAD0999 APPROVED: J. Lu
REV NO: V.1 CHECKED: Allen Liu
DATE:MAR/20/2003 DRAWN:D.L.HUANG
PAGE: 4 OF 4


▲Up To Search▲   

 
Price & Availability of APC3216SEC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X